PART |
Description |
Maker |
RO-1.81.8S06 RE-123.3SHP RE-1212SHP RE-3.33.3SP RE |
1 Watt SIP4 & SIP7 Single Output 1 Watt SIP4 & SIP7 Single Output 1瓦特学校改善工程
|
Recom International Pow... RECOM[Recom International Power] RECOM Power Inc. RECOM Electronic GmbH
|
RBM-051.8S RBM-051.8DP RBM-051.8SP RBM-3.33.3SP RB |
1 Watt SIP 6 Micro Size, Single & Dual Output
|
RECOM Power Inc. RECOM[Recom International Power] http://
|
RM-3.305S/E RM-1205S/EH RM-0505S/EH |
0.25 Watt SIP4 Single Output
|
Recom International Pow...
|
RM-XX05S RM-XX09S RM-XX12S RM-XX15S RM-XX3.3S |
0.25 Watt SIP4 Single Output
|
Recom International Power
|
RI-093.3S RI-243.3SP RI-0505S RI-0505SP RI-0507S R |
2 Watt SIP4 Single Output 2瓦特学校改善工程单输
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
MP62 MP88 MP605 MP610 MP86 MP61 MP81 MP84 MP82 BR6 |
ECONOLINE: ROM - Micro Size SIP4 Package- 3kVDC Isolation- Industry Standard Pinout- UL94V-0 Package Material- Custom Solutions Available- Cost BRIDGE RECTIFIERS
|
Electronic Theatre Controls, Inc. ETC[ETC] List of Unclassifed Manufacturers http:// List of Unclassifed Man...
|
P6IU-2415E P6IU-0505E P6IU-0512E P6IU-0515E P6IU-1 |
3KV ISOLATED 1 W UNREGULATED SINGLE OUTPUT SIP4 千伏隔震1瓦未稳压单输出学校改善工
|
PEAK[PEAK electronics GmbH]
|
RV-1524D RV-33S RV-0505S RV-0509S RV-0512D RV-0512 |
2 Watt DIP24 Miniature Single & Dual Output 2瓦特DIP24微型 CAP CER 390PF 50V 0402 LOW DIST Circular Connector; MIL SPEC:MIL-DTL-38999 Series III; Body Material:Metal; Series:TVS06; Number of Contacts:128; Connector Shell Size:25; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Body Style:Straight GRIPPER(MOVEABLE) RoHS Compliant: NA 2 Watt DIP24 Miniature Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
P2AU-2415E P2AU-0505E P2AU-0512E P2AU-0515E P2AU-0 |
Input voltage:24V, output voltage 15V (16.66mA), 1KV isolated 0.25W unregulated single output Input voltage:5V, output voltage 15V (16.66mA), 1KV isolated 0.25W unregulated single output P2AU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT SIP4 P2AU - XXXXE 1KV交隔0,25糯未稳压单输出学校改善工 P2AU-XXXXE 1KV ISOLATED 0,25 W UNREGULATED SINGLE OUTPUT SIP4 P2AU - XXXXE 1KV交隔,25糯未稳压单输出学校改善工
|
PEAK[PEAK electronics GmbH]
|
TEN5-2412WI TEN5-2413WI TEN5-2421WI TEN5-2422WI TE |
DC/DC Converters - TEN 5WI Series, 6 Watt 直流/直流转换 10 5WI系列6瓦特 DC/DC Converters - TEN 5WI Series, 6 Watt 直流/直流转换 10 5WI系列瓦特 Hook-Up Wire; Conductor Size AWG:20; No. Strands x Strand Size:10 x 30; Jacket Color:Pink; Cable/Wire MIL SPEC:MIL-W-76C Type MW; Conductor Material:Copper; Jacket Material:Polyvinylchloride (PVC); Leaded Process Compatible:Yes RoHS Compliant: Yes
|
TRACO ELECTRONIC AG. TRACOPOWER[TRACO Electronic AG]
|